PART |
Description |
Maker |
MAX680 MAX680C_D MAX680CPA MAX680CSA MAX680EPA MAX |
5V to 0V Voltage Converters Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 30 AMP MINIATURE POWER RELAY 5V to 【10V Voltage Converters 5V to 10V Voltage Converters 5V to ±10V Voltage Converters
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maxim Integrated Produc...
|
D221RPI D202RPI D201RPI D225RPI D203RPI D204RPI D2 |
2W, High Isolation, SIP Regulated, Short Circuit Protected DC/DC Converters D200RPI Series / DC/DC Converters
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. ETC[ETC] MicroPower Direct List of Unclassifed Manufacturers
|
AD5240 AD5240KD AD5240SD ADADC84 ADADC84-10 ADADC8 |
Fast, Complete 10-Bit A/D Converters FAST, COMPLETE 12-BIT A/D CONVERTERS 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor FAST/ COMPLETE 12-BIT A/D CONVERTERS Fast,Complete 12 Bit A/D Converter(快完备2位A/D转换
|
Analog Devices, Inc. AD[Analog Devices]
|
STFI26N60M2 |
LCC converters, resonant converters
|
STMicroelectronics
|
SMT15E SMT15E-05S2V5 SMT15E-05S3V3 |
DC/DC CONVERTERS 50W Non-isolated DC/DC Converters
|
Artesyn Technologies
|
AD9712 AD9713 AD9712JP AD9712JN AD9713JN AD9713JP |
12 BIT 100 MSPS D/A CONVERTERS 12-BIT, 100MSPS D/A CONVERTERS
|
Analog Devices, Inc.
|
MCH2805S/883 MCH2805D/883 MCH2815S/883 MCH285R2D/8 |
DC/DC CONVERTERS 28 VOLT INPUT DC / DC转换28伏的输入 DC/DC CONVERTERS 28 VOLT INPUT 1-OUTPUT 1.5 W DC-DC REG PWR SUPPLY MODULE
|
Standard Power
|
TCM828 TCM828ECT TCM829 TCM829ECT TCM828ECT713 |
Switched Capacitor Voltage Converters The TCM828/829 are CMOS "charge-pump" voltage converters in ultra-small 5-Pin SOT-23A packages. They invert and/or double an input voltage which can range from 1.5V to 5.5V. Conversion efficiency is typically >95%. Switching frequency
|
http:// MICROCHIP[Microchip Technology]
|
FC150S6R5 FC050S6R59 FC150S6R59 FC050S6R5 |
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W Power Modules DC/DC Converters
|
ETC[ETC] Agere
|
5962-8966603XX 5962-8966604XX 5962-8966602XX 5962- |
x9 Asynchronous FIFO 16µA IQ, 1.2A PWM Step-Down DC-DC Converters High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs SOT23, Dual-Input, USB/AC Adapter, 1-Cell Li Battery Chargers CMOS High-Speed, 8-Bit ADCs with Multiplexer and Reference X9热卖异步FIFO
|
Electronic Theatre Controls, Inc.
|
MAX730 MAX730A MAX730ACPA MAX730ACSA MAX730AEPA MA |
5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 210 kHz SWITCHING FREQ-MAX, PDSO8 5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 212.5 kHz SWITCHING FREQ-MAX, PDSO16 Circular Connector; No. of Contacts:26; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-26 RoHS Compliant: No Replaced by SN54197 : 50/30/100-Mhz Presettable Decade OR Binary Counters/Latches 20-LCCC -55 to 125 5V / Step-Down / Current-Mode PWM DC-DC Converters 5V Step-Down Current-Mode PWM DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TSC2-2S0505N TSC2-2S0512N TSC2-2S0515N TSC2-2S053. |
DC/DC CONVERTERS 7-pin SIP, 2 Watt DC/DC CONVERTERS
|
Tumbler Technologies TRUMPower Tumbler Technologies TRUM... Tumbler Technologies ...
|